PART |
Description |
Maker |
F75386M F75386SG |
Dual 隆戮1oC Accuracy Temperature Sensor IC with Fan Speed Control Dual ±1oC Accuracy Temperature Sensor IC with Fan Speed Control
|
Feature Integration Technology Inc.
|
MAX801 MAX801CPA MAX801CSA MAX801EPA MAX801ESA MAX |
Supervisory circuit with -1.5% reset accuracy. Reset threshold(typ) 4.425V. Watchdog. Supervisory circuit with -1.5% reset accuracy. Reset threshold(typ) 4.675V. Watchdog. Supervisory circuit with -1.5% reset accuracy. Reset threshold(typ) 4.575V. CMOS RAM write protection.. 8-Pin µP Supervisory Circuits with ±1.5% Reset Accuracy 8-Pin µP Supervisory Circuits with ±1.5% Reset Accuracy 8-Pin μP Supervisory Circuits with ±1.5eset Accuracy 8-Pin P Supervisory Circuits with 1.5eset Accuracy From old datasheet system 8-Pin レP Supervisory Circuits with 【1.5eset Accuracy 5015 RR 3#8 SKT RECP 8-Pin レP Supervisory Circuits with 1.5eset Accuracy 8引脚レP监控电路与精度1.5eset 8-Pin レP Supervisory Circuits with 1.5eset Accuracy 8引脚微处理器监控电路,提amp;plusmn;1.5%的复位门限精 Interface IC 1-CHANNEL POWER SUPPLY SUPPORT CKT, CDIP8 Supervisory circuit with -1.5% reset accuracy. Reset threshold(typ) 4.575V. Watchdog. Supervisory circuit with -1.5% reset accuracy. Reset threshold(typ) 4.675V. CMOS RAM write protection..
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
F75367 F75367S |
±1oC Temperature Sensor with I2C-SST Bridge
|
Feature Integration Technology Inc.
|
F75367 F75367S |
【1oC Temperature Sensor with I2C-SST Bridge
|
Feature Integration Technology Inc.
|
NCP590MN5DTAG NCP590MNADR2G NCP590MNOATAG NCP590MN |
Dual Output, High Accuracy Ultra Low Dropout
|
ON Semiconductor
|
LTM4650 LTM4620 LTM4620A |
Dual 25A or Single 50A μModule Regulator with 0.8% DC and 3% Transient Accuracy
|
Linear Technology
|
NCP590MNPPTAG NCP590MNOATAG NCP590MNDPTAG NCP590MN |
Dual Output, High Accuracy, Ultra Low Dropout CMOS LDO
|
ON Semiconductor
|
AD5762R AD5762RCSUZ AD5762RCSUZ-REEL7 ADR395 |
Complete Dual, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DACs
|
Analog Devices
|
AD741 AD741LH AD741H |
Low Cost/ High Accuracy IC Op Amps ECONOLINE: REC2.2-S_DR/H1 - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- UL94V-0 Package Material- Continuous Short Circiut Protection Low Cost, High Accuracy IC Op Amps OP-AMP, 6000 uV OFFSET-MAX, 1 MHz BAND WIDTH, MBCY8
|
Analog Devices, Inc.
|
MPXH6250A6T1 MPXH6250AC6U MPXH6250A MPXH6250A6U MP |
HITEMP ACCURACY INTEGRATED SILICON PRESSURE SENSOR HIGH TEMPERATURE ACCURACY INTEGRATED SILICON PRESSURE SENSOR
|
MOTOROLA[Motorola, Inc] Motorola Inc
|